Part Number Hot Search : 
50094 5318S21 SSM3K14 SMAJ4759 2SK3703 WP934 C3220VSC 4BTET01
Product Description
Full Text Search
 

To Download 100AWSP2T1B1M1QE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S E R I E S 100A
SWITCHES
PROCESS SEALED MINIATURE TOGGLE SWITCHES
SPECIFICATIONS
Contact Rating: Electrical Life: Contact Resistance: Insulation Resistance: Dielectric Strength: Operating Temperature: Dependent upon contact material 40,000 make-and-break cycles at full load 10 m max. typical initial @ 2-4 VDC 100 mA for both silver and gold plated contacts 1,000 M min. 1,000 V RMS @ sea level -30 C to 85 C
MATERIALS
Case & Bushing: Pedestal of Case: Actuator: Switch Support: Contacts / Terminals: PBT LPC Brass, chrome plated with internal O-ring seal Brass or steel tin plated Silver or gold plated copper alloy
HOW TO ORDER
Series Model No. Actuator Bushing Termination Contact Material Seal
100A 200
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.
E
WSP1 WSP2 WSP3 WSP4 WSP5 WDP1 WDP2 WDP3 WDP4 WDP5 T1 T2 B1 B4 M1 M2 M5 M6 M7 VS2 VS3 M61 M64 M71 VS21 VS31 Q=Silver R=Gold
EXAMPLE
100A WDP4 T1 B4 M1 R E
Model No. WSP-1 WSP-2 WSP-3 WSP-4 WSP-5
POS 1
POS 2
POS 3
6.11 [.241] 5.30 [.209]
ON ON ON (ON) ON 2-3
NONE NONE OFF OFF OFF OPEN
ON (ON) ON (ON) (ON) 2-1
FLAT
6.90 [.272]
SPDT
Term. Comm.
Schematic
1
2 Comm.
3
( ) = Momentary
12.80 [.504]
Phone: 763-504-3525
Fax: 763-531-8235
www.e -switch.com
info@e-switch.com
11
S E R I E S 100A PROCESS SEALED MINIATURE TOGGLE SWITCHES
Model No. WDP-1 WDP-2 WDP-3 WDP-4 WDP-5 Term. Comm.
POS 1 POS 2 POS 3
SWITCHES
6.11 [.241] 5.30 [.209]
ON ON ON (ON) ON 2-3, 5-6
NONE NONE OFF OFF OFF OPEN
ON (ON) ON (ON) (ON) 2-1, 5-4
FLAT
11.50 [.453]
DPDT
Schematic 2 Comm
1 3 4
( ) = Momentary
5 Comm.
6
12.80 [.504]
ACTUATOR OPTIONS
T1 T2
BUSHING OPTIONS
B1 B4
Std for M1
Std for M2, M6, M7, VS termination
TERMINATION OPTIONS
M1 M2
12
Phone: 763-504-3525
Fax: 763-531-8235
www.e -switch.com
info@e-switch.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.
T1 actuator std. when ordered with M1 termination. Add 0.100 (2.54) for B4 bushing.
T2 actuator std. when ordered with VS, M2, M6 or M7 terminations. Add 0.100 (2.54) for B4 bushing.
S E R I E S 100A
SWITCHES
PROCESS SEALED MINIATURE TOGGLE SWITCHES
2.92 [.115] SWITCH SUPPORT .40MM THK. 1.27 [.050] (2 PL) 5.30 [.209] 12.70 [.500] 1 12.70 [.500] EPOXY SEAL 4.70 [.185] TYP 2 3 12.9 [.508] 6.17 [.243]
POS. 2 POS. 3 POS. 1
P.C. MOUNTING
5.08 [.200]
4.70 [.185] TYP HOLE 1.85 [.073] (3 PL)
2.69 [.106] 6.90 [.272]
3.17 [.125] 3X 0.76 [.030]
M6
SPDT
POS. 2 POS. 3 POS. 1 2.92 [.115] 5.08 [.200] 1.27 [.050] (2 PL) SWITCH SUPPORT .40MM THK. 12.9 [.508] 6.17 [.243] 3.17 [.125] EPOXY SEAL 1 4.70 [.185] TYP 0.76 [.030] (3 PL)
5.08 [.200]
P.C. MOUNTING
12.70 [.500]
3.81 [.150]
4.70 [.185] TYP.
2.69 [.106]
11.50 [.453] 5.30 [.209] 12.70 [.500]
12.70[.50
M6
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.
1.85 [.073] (8 PL)
DPDT
3.81 [.150]
25 POS. 2 POS. 1 POS. 3 SWITCH SUPPORT .40MM THK. 12.70 [.500] 1 2 3 1.27 X 0.76 THK. 2.69 TYP. [.050 X .030 ] (3 PL) 4.50 [.177] TYP. 7.62 [.300] 6.18 [.243] 10.42 0 [.410] 1.52
2.67 [.105]
P.C. MOUNTING
1.27 [.050] (2 PL) 5.08 [.200]
6.03 [.237]
12.70 [.500] 5.08 [.200]
3.81 [.150] TYP
5.30 [.209]
3.81 [.150] TYP.
3
EPOXY SEAL
HOLE
1.85 [.073] (5 PL)
M7
SPDT
25 POS. 2 POS. 1 P 3 POS. 7.62 [.300] 1.27 [.050] (2 PL) 5.08 [.200] 3.17 [.125] 12.80 [.504] 6.03 [.237] SWITCH SUPPORT .40MM THK. 6.18 [.243] 10.42 [.410] 4 5 6 2 2.69 TYP. 1.27 X 0.76 THK. 4.50 [.050 X .030 ] [.177] TYP. (6 PL) 1.52 2.67 [.105]
P.C. MOUNTING
12.70 [.500]
3.81 [.150] TYP 4.83 [.190]
11.50 [.453] 12.70 [.500] 5.30 [.209] 3.81 [.150] TYP.
5.08 [.200]
EPOXY SEAL 4.83 [.190] (6 PL)
6
3
HOLE 1.85 [.073] (8 PL)
M7
DPDT
Phone: 763-504-3525
Fax: 763-531-8235
www.e -switch.com
info@e-switch.com
13
S E R I E S 100A PROCESS SEALED MINIATURE TOGGLE SWITCHES
25 POS. 2 POS. 3 POS. 1 E-SWITCH MARKING ON OPPOSITE SIDE 2.67 [.105] 7.62 [.300] 5.66 [.223]
SWITCHES
P.C. MOUNTING
OPTION CODE VS2 VS3
DIM. `A' .460 (11.68) .630 (16.00)
9.40 [.370]
1.85 [.073] HOLE (7 PL)
Epoxy Seal Base
1 0.51 [.020] Typ.
4.70 [.185]
VS2-VS3
SPDT
3.18 [.125]
1.27 [.050]
4.70 [.185] Typ. 15.75 5 [.620]
15 15.75 [.620]
3.18 [.125] [.320]
POS. 2 POS. 3 POS. 1 25
2.67 [.105] 7.62 [.300] 5.66 [.223] A
4.70 [.185]
P.C. MOUNTING
OPTION CODE VS2 VS3 DIM. `A' .460 (11.68) .630 (16.00)
E-SWITCH MARKING ON OPPOSITE SIDE
9.40 [.370]
1.85 [.073] HOLE (7 PL)
CRIMPED BRACKET Epoxy Seal Base 4.70 [.185] Typ. 15.75 5 [.620]
VS2-VS3
DPDT
3.18 [.125]
1.27 [.050]
3.18 [.125]
8.13 [.320]
CONTACT MATERIAL OPTIONS
Q Fixed Terminal: Gold flash over silver plated
copper alloy
R Fixed Terminal: Copper alloy with gold plate over
nickel plate
Moving Contact: Silver plated copper alloy Rating: 5 Amps with resistive load @ 120VAC or 28VDC;
2 Amps with resistive load @ 250VAC
Moving Contact: Copper alloy with gold plate over
nickel plate
Rating: 0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)
HARDWARE
HDW2
Nut
HDW15
Locking Ring
HDW11
Lock Washer
11.89 [.468]
0.74 [.029]
.00 [.079]
2.39 [.094]
14
Phone: 763-504-3525
Fax: 763-531-8235
www.e -switch.com
info@e-switch.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE.
0.51 [.020] Typ.
15.75 5 [.620]


▲Up To Search▲   

 
Price & Availability of 100AWSP2T1B1M1QE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X